Part Number Hot Search : 
72310 572327 JHV368 SR2020P MMT555 MBR3010 KV1310 SFH48
Product Description
Full Text Search
 

To Download 1N5255 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Zowie Technology Corporation
SILICON PLANAR ZENER DIODES
1N5220...1N5281
Standard Zener voltage tolerance is 20%. Add suffix "A" for 10% Tolerance, suffix "B" for 5% tolerance, suffix "C" for 2% tolerance, Other tolerance, non standard and higher Zener voltages are upon request.
Max. 0.5
Max. 1.9
Min. 27.5
Black Cathode Band Black Part No.
XXX
Max. 3.9
Min. 27.5
Glass Case DO-35 Dimensions in mm
Absolute Maximum Ratings (Ta = 25 OC) Parameter
Power Dissipation at Tamb = 75 OC Junction Temperature Storage Temperature Range
1)
Symbol Ptot Tj TS
Value 500
1)
Unit mW
O
200 - 65 to + 200
C C
O
Valid provided that leads are kept at ambient temperature at a distance of 8 mm from case.
Characteristics at Ta = 25 OC
Parameter Thermal Resistance Junction to Ambient Air Forward Voltage at IF = 200 mA
1)
Symbol RthA VF
Max. 0.3
1)
Unit K/mW V
1.1
Valid provided that leads are kept at ambient temperature at a distance of 8 mm from case.
REV. 0
Zowie Technology Corporation
Zowie Technology Corporation
1N5220...1N5281
Zener Voltage Range
Type
Maximum Zener Impedance1) rZJT 30 30 30 30 30 29 28 24 23 22 19 17 11 7 7 5 6 8 8 10 17 22 30 13 15 16 17 19 21 23 25 29 33 35 41 44 49 58 70 80 93 105 125 150 170 185 230 rZJK 1150 1200 1250 1300 1400 1600 1600 1700 1900 2000 1900 1600 1600 1600 1000 750 500 500 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 700 700 800 900 1000 1100 1300 1400 1400 1600 at IZK mA 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25
1N5220 1N5221 1N5222 1N5223 1N5224 1N5225 1N5226 1N5227 1N5228 1N5229 1N5230 1N5231 1N5232 1N5233 1N5234 1N5235 1N5236 1N5237 1N5238 1N5239 1N5240 1N5241 1N5242 1N5243 1N5244 1N5245 1N5246 1N5247 1N5248 1N5249 1N5250 1N5251 1N5252 1N5253 1N5254 1N5255 1N5256 1N5257 1N5258 1N5259 1N5260 1N5261 1N5262 1N5263 1N5264 1N5265 1N5266
VZnom 3) V 2.2 2.4 2.5 2.7 2.8 3 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6 6.2 6.8 7.5 8.2 8.7 9.1 10 11 12 13 14 15 16 17 18 19 20 22 24 25 27 28 30 33 36 39 43 47 51 56 60 62 68
lZT mA 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 9.5 9 8.5 7.8 7.4 7 6.6 6.2 5.6 5.2 5 4.6 4.5 4.2 3.8 3.4 3.2 3 2.7 2.5 2.2 2.1 2 1.8
Maximum Reverse Leakage Current IR 2) at VR A V 100 1 100 1 100 1 75 1 75 1 50 1 25 1 15 1 10 1 5 1 5 2 5 2 5 3 5 3.5 5 4 3 5 3 6 3 6.5 3 6.5 3 7 3 8 2 8.4 1 9.1 0.5 9.9 0.1 10 0.1 11 0.1 12 0.1 13 0.1 14 0.1 14 0.1 15 0.1 17 0.1 18 0.1 19 0.1 21 0.1 21 0.1 23 0.1 25 0.1 27 0.1 30 0.1 33 0.1 36 0.1 39 0.1 43 0.1 46 0.1 47 0.1 52
Temp. Coefficient of Zener Voltage TKVZ %/K <-0.085 <-0.085 <-0.085 <-0.080 <-0.080 <-0.075 <-0.070 <-0.065 <-0.060 <-0.055 <0.030 <0.030 <+0.038 <+0.038 <+0.045 <+0.050 <+0.058 <+0.062 <+0.065 <+0.068 <+0.075 <+0.076 <+0.077 <+0.079 <+0.082 <+0.082 <+0.083 <+0.084 <+0.085 <+0.086 <+0.086 <+0.087 <+0.088 <+0.089 <+0.090 <+0.091 <+0.091 <+0.092 <+0.093 <+0.094 <+0.095 <+0.095 <+0.096 <+0.096 <+0.097 <+0.097 <+0.097
REV. 0
Zowie Technology Corporation
Zowie Technology Corporation
1N5220...1N5281
Zener Voltage Range
Type
Maximum Zener Impedance 1) rZJT 270 330 370 400 500 700 950 1100 1300 1500 1700 1900 2200 2400 2500 rZJK 1700 2000 2200 2300 -----------at IZK mA 0.25 0.25 0.25 0.25 ------------
1N5267 1N5268 1N5269 1N5270 1N5271 1N5272 1N5273 1N5274 1N5275 1N5276 1N5277 1N5278 1N5279 1N5280 1N5281
1)
VZnom 3) V 75 82 87 91 100 110 120 130 140 150 160 170 180 190 200
lZT mA 1.7 1.5 1.4 1.4 1.3 1.2 1 0.95 0.9 0.85 0.8 0.74 0.68 0.66 0.65
Maximum Reverse Leakage Current IR 2) at VR A V 0.1 56 0.1 62 0.1 68 0.1 69 0.1 75 0.1 83 0.1 90 0.1 98 0.1 105 0.1 113 0.1 120 0.1 127 0.1 135 0.1 142 0.1 150
Temp. Coefficient of Zener Voltage TKVZ %/K <+0.098 <+0.098 <+0.099 <+0.099 <+0.100 <+0.100 <+0.100 <+0.110 <+0.110 <+0.110 <+0.115 <+0.115 <+0.120 <+0.120 <+0.120
The Zener Impedance is derived from the 60 Hz AC voltage which results when an AC current having an RMS value equal to 10% of the Zener Current (IZT or IZK) is superimposed on IZT or IZK. Zener Impedance is measured at two points to insure a sharp knee on the breakdown curve and to eliminate unstable units. 2) Valid provided that leads at a distance of 8 mm from case are kept at ambient temperature. 3) Tested with pulses tp = 20 ms.
Admissible power dissipation versus ambient temperature
Valid provided that leads at a distance of 8 mm from case are kept at ambient temperature
mW 500
Ptot
400
300
200
100
0 0 100 Ta 200
REV. 0
Zowie Technology Corporation


▲Up To Search▲   

 
Price & Availability of 1N5255

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X